전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PSXSB17 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 1PSXSB17
상세설명  4 V, 30 mA low Cd Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PSXSB17 데이터시트(HTML) 6 Page - NXP Semiconductors

  1PSXSB17_15 Datasheet HTML 1Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 2Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 3Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 4Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 5Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 6Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 7Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9397 750 14587
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2005
6 of 8
Philips Semiconductors
1PSxSB17
4 V, 30 mA low Cd Schottky barrier diode
10. Revision history
Table 10:
Revision history
Document ID
Release date Data sheet status
Change notice Doc. number
Supersedes
1PSXSB17_6
20050404
Product data sheet
-
9397 750 14587
1PS76SB17_1
PS79SB17_5
Modifications:
Type number 1PS66SB17 added
1PS76SB17_1PS79SB17_5
20041028
Product data sheet
-
9397 750 13733
1PS76SB17_4
1PS76SB17_4
20040126
Product data sheet
-
9397 750 12618
1PS76SB17_3
1PS76SB17_3
20020809
Product data sheet
-
9397 750 10174
1PS76SB17_2
1PS76SB17_2
19990525
Preliminary data sheet -
9397 750 05893
1PS76SB17_1
1PS76SB17_1
19961014
Preliminary data sheet -
9397 750 01342
-


유사한 부품 번호 - 1PSXSB17_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS10SB62 PHILIPS-1PS10SB62 Datasheet
49Kb / 8P
   Schottky barrier diode
2003 May 15
1PS10SB63 PHILIPS-1PS10SB63 Datasheet
52Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 PHILIPS-1PS10SB82 Datasheet
52Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - 1PSXSB17_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
logo
Nexperia B.V. All right...
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
logo
ON Semiconductor
NSR02F30MXT5G ONSEMI-NSR02F30MXT5G Datasheet
104Kb / 4P
   200 mA, 30 V Schottky Barrier Diode
February, 2015 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com