전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148_1N4448 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 1N4148_1N4448
상세설명  High-speed diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4148_1N4448 데이터시트(HTML) 3 Page - NXP Semiconductors

  1N4148_1N4448_15 Datasheet HTML 1Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 2Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 3Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 4Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 5Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 6Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 7Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 8Page - NXP Semiconductors 1N4148_1N4448_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2004 Aug 10
3
NXP Semiconductors
Product data sheet
High-speed diodes
1N4148; 1N4448
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board; lead length 10 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
100
V
VR
continuous reverse voltage
100
V
IF
continuous forward current
see Fig.2; note 1
200
mA
IFRM
repetitive peak forward current
450
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to
surge; see Fig.4
t = 1
µs
4
A
t = 1 ms
1
A
t = 1 s
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
500
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
200
°C
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
1N4148
IF = 10 mA
1
V
1N4448
IF = 5 mA
0.62
0.72
V
IF = 100 mA
1
V
IR
reverse current
VR = 20 V; see Fig.5
25
nA
VR = 20 V; Tj = 150 °C; see Fig.5
50
µA
IR
reverse current; 1N4448
VR = 20 V; Tj = 100 °C; see Fig.5
3
µA
Cd
diode capacitance
f = 1 MHz; VR = 0 V; see Fig.6
4
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
4
ns
Vfr
forward recovery voltage
when switched from IF = 50 mA;
tr = 20 ns; see Fig.8
2.5
V
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-tp)
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth(j-a)
thermal resistance from junction to ambient
lead length 10 mm; note 1
350
K/W


유사한 부품 번호 - 1N4148_1N4448_15

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
1N4148.1N4448 TEMIC-1N4148.1N4448 Datasheet
45Kb / 4P
   Silicon Epitaxial Planar Diodes
More results

유사한 설명 - 1N4148_1N4448_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com