전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWA-1330 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 FWA-1330
상세설명  Tabletop Intel짰 Bay Trail Processors-based Platform with 4 GbE LAN Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1330 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  FWA-1330_15 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1330_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-1330
Tabletop Intel® Bay Trail Processors-based
Platform with 4 GbE LAN Ports
ƒ Supports Intel® Celeron® N2807/J1900 Processor
ƒ One DDR3L 1333/1600 SODIMM, up to 4 GB
ƒ Four GbE LAN ports with 2 segments LAN bypass
ƒ One mSATA Slot
ƒ Supports One fixed 2.5" SATA HDD
ƒ One Mini-PCIE slot
Introduction
Conceived as a powerful but low power consumption Tabletop Internet security platform, the FWA-1330 series was specifically designed for mainstream IDS/IPS, Anti-virus, VPN
gateway and Unified Threat Management (UTM) applications. The FWA-1330 adopts the latest Intel Bay Trail processor. This supports up to 4 GB of Single-channel DDR3L 1333/1600
SDRAM on one SODIMM. The platform reserves space for one 2.5" SATA HDD and one mSATA slot for storing or upgrade OS and other network security applications. The platform
has four PCIe x 1 lanes connected directly to the Intel I211-AT Ethernet controllers to offer 4 ports of Gigabit Ethernet at wire speed. For easy access, the real panel also includes an
RJ-45 console port, two USB ports and a VGA port for local system management, maintenance and diagnostics. Moreover, the FWA-1330B is designed with the fanless cooling for
low noise environment requirement. It is FCC, CE, UL, CCC and RoHS compliant.
Specifications
Processor System
CPU
Intel Celeron N2807
Intel Celeron J1900
Max. Speed
1.58 GHz (2 Cores)
2.0 GHz (4 Cores)
L2 Cache
1 MB
2 MB
BIOS
AMI 16 Mbit SPI
Memory
Technology
1x DDR3L 1333/1600 SODIMM
Capacity
Up to 4 G
Ethernet
Gigabit Ethernet
4 x Intel I211-AT Gigabit Ethernet Controllers
LAN Bypass
Up to 2 segments (Optional)
Expansion
Mini PCIE
1 x Mini PCIE Slot (Half Size, USB Interface Default, PCIE Interface Option)
Storage
SATA
1 x SATA connector
Support one 2.5" SATA HDD x 1 (FWA-1330A only)
mSATA
1 x mSATA Slot (Half Size or Full Size)
Peripherals
USB
2 x USB 2.0 (one USB 3.0 Optional)
Serial
1 x RS-232 console ports (RJ45 connector)
VGA Ports
1 x VGA Ports on Rear panel
Pin Header
PS/2, VGA, GPIO, Reset and COM
Front LED
Power LED
1 (Green)
HDD LED
1 (Amber)
LAN LED
4 pairs (Speed and Status)
Power
Watt
Adapter 40W 12V
Input
100~240 VAC, auto range
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical Characteristics
Dimensions (W x H x D)
208 x 181 x 44 mm (8.19" x 7.13" x 1.73")
Weight
1.8 kg (3.96 lb)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 6-May-2015


유사한 부품 번호 - FWA-1330_15

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FWA-1320 ADVANTECH-FWA-1320 Datasheet
453Kb / 2P
   Tabletop Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
3-May-2018
FWA-1320-00E ADVANTECH-FWA-1320-00E Datasheet
422Kb / 2P
   Desktop Entry-Level Network Appliance based on Intel짰 Atom??C2000 System On Chip
FWA-1320-00E ADVANTECH-FWA-1320-00E Datasheet
453Kb / 2P
   Tabletop Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
3-May-2018
FWA-1320-01E ADVANTECH-FWA-1320-01E Datasheet
422Kb / 2P
   Desktop Entry-Level Network Appliance based on Intel짰 Atom??C2000 System On Chip
FWA-1320-01E ADVANTECH-FWA-1320-01E Datasheet
453Kb / 2P
   Tabletop Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
3-May-2018
More results

유사한 설명 - FWA-1330_15

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FWA-710 ADVANTECH-FWA-710 Datasheet
733Kb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-700 ADVANTECH-FWA-700 Datasheet
1Mb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
logo
Lanner All Rights Reser...
LEC-7331 LANNER-LEC-7331 Datasheet
1Mb / 1P
   Fanless Surveillance Platform Powered by the Intel짰 Bay Trail CPU
LEC-7338 LANNER-LEC-7338 Datasheet
898Kb / 2P
   SFF Surveillance Platform Powered by the Intel짰 Bay Trail CPU
logo
Advantech Co., Ltd.
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
   Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
FWA-1011 ADVANTECH-FWA-1011 Datasheet
506Kb / 2P
   Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com