전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWA-6520-11E 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 FWA-6520-11E
상세설명  Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-6520-11E 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  FWA-6520-11E Datasheet HTML 1Page - Advantech Co., Ltd. FWA-6520-11E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-6520
ƒ 2 x Intel® Xeon® E5-2600 v3 processors up to 145W TDP
ƒ DDR4 1866/2133 ECC registered memory up to 512GB
ƒ PCIe gen. 3 support
ƒ Up to 8 x NMC (Network Mezzanine Card) slots for a wide range of GbE,
10GbE and 40GbE NMCs with or without advanced LAN bypass
ƒ 2 x PCIe x16 slots support FH/HL add-on cards
ƒ 2 x 2.5" removable external SATA HDDs/SSDs
ƒ IPMI 2.0 compliant Remote Management
ƒ Advanced Platform Reliability and Serviceability
Intel® Xeon® E5-2600 v3 Processor-based
2U Network Application Platform
Introduction
Based on the latest Intel® Xeon® processor platform, the FWA-6520 system is a straight upgrade from Advantech’s leading FWA-6510 dual socket platform. The FWA-6520 has been
designed for maximum performance, scalability and functionality in a 2U rack mount footprint. This multi-core processor-based, high-end network communications appliance is
optimized for computing power and high speed, high density I/O with best-in-class energy efficiency.
Two Intel® Xeon E5-2600 v3 processors (Socket R3) provide the latest architectural enhancements, larger on chip cache memories as well as two Intel® QuickPath Interconnects
running at up to 9.6GT/s for reduced cross-socket memory I/O latencies and increased throughput. Each socket supports 4 DDR4 channels with speed up to 2133 MHz for up to 512
GB of ECC memory when using the latest RDIMM technology. Advanced RAS modes such as mirroring and sparing increase platform reliability. Advanced thermal system design
enables support for processors with 135W TDP on standard SKUs and up to 145W on special SKUs available via Advantech’s Customized COTS framework. This allows the appliance
to scale from mainstream 12 and 14 core CPUs to the highest performance 18 core processors available today.
With 80 PCIe Express lanes, the FWA-6520 can support up to 8 Network Mezzanine Cards (NMCs) for modular, configurable networking I/O and acceleration. PCIe gen3 technology
on all NMC slots provides sufficient bandwidth to support multiple 40GbE and quad 10GbE modules. The platform is ready to support double sized NMCs for future upgrades with
100GbE connectivity.
Advanced Lights Out Management based on Aspeed’s latest iBMC AST2400 and AMI’s MegaRAC IPMI suite improves system manageability and reliability, providing platform thermal
management, H/W monitoring and supervision. Remote firmware upgrade capability and hardware-based BIOS redundancy make the FWA-6520 an ideal platform for mission-critical
and highly available networks. Front and rear hot swappable FRUs such as power and fan modules along with service friendly design features such as fan failure LEDs further help to
reduce system down time and enhance serviceability.
Support for standard two PCI Express expansion slots and a TPM (Trusted Platform Module) for enhanced platform security round off the feature set of this platform. Management and IO
elements include two management Ethernet ports, a console port, two USB ports, a LCD module, LEDs for power/locate/alert indication and two front-loadable 2.5” SATA HDDs/SSDs.
The system is FCC, UL, CB, CCC and RoHS compliant.
Specifications
Processor System
CPU
2 x Intel® Xeon E5-2600 v3 processor up to 145W TDP
LLC
Up to 45MB per socket
Memory
Technology
16 x DDR4 DIMMs (ECC RDIMM)
Memory speed up to 2133 MHz (1 DIMM per Channel)
Capacity
Up to 512GB (16x 32GB RDIMMs)
Ethernet
Network expansion slots
Up to 8 x NMC expansion slots (SKU dependent)
Double-wide form factor NMC support (optional, SKU dependent)
Management port
2 x RJ45 management ports with Lights Out Management Support
PCIe
PCH
Intel® C612
Expansion slots
Up to 2 x PCIe gen3 x16 expansion slots for FH/HL cards (SKU dependent)
Up to 8 NMC slots (SKU dependent)
Storage
External
2 x 2.5" hot-swappable SATA SSDs/HDDs on the front
Internal
2 x mSATA slots / 1 x USB DOM SSDs
Peripherals
USB
2 x USB 3.0 ports on the front
Serial
1 x console port by RJ-45 connector on the front
Power
Wattage
820W (1+1 redundant)
Input
(AC) 100 ~ 240 V @ 50 ~ 60 Hz, full range
(DC) -36 ~ - 72V, 30 ~ 16A
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 80° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical Characteristics
Dimensions (W x L x H)
430 x 550 x 88 mm (W x L x H), 17" x 21.5" x 3.5"
Weight (N.W)
20 kg
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 14-Apr-2015


유사한 부품 번호 - FWA-6520-11E

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
FWA-6500BE ADVANTECH-FWA-6500BE Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
FWA-6500CFE ADVANTECH-FWA-6500CFE Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
FWA-6512 ADVANTECH-FWA-6512_14 Datasheet
770Kb / 2P
   2U Network Application Platform with Intel짰 Xeon짰 Processor E5-4600 v2
More results

유사한 설명 - FWA-6520-11E

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FWA-6512 ADVANTECH-FWA-6512_14 Datasheet
770Kb / 2P
   2U Network Application Platform with Intel짰 Xeon짰 Processor E5-4600 v2
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Intel Corporation
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
List of Unclassifed Man...
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
96MPXE-2.5-30M20T ADVANTECH-96MPXE-2.5-30M20T Datasheet
332Kb / 1P
   Intel짰 Xeon짰 Processor E5-2680 v3 (30M Cache, 2.50 GHz)
03-OCT-2014
96MPXE-2.2-30M20T1 ADVANTECH-96MPXE-2.2-30M20T1 Datasheet
255Kb / 1P
   Intel짰 Xeon짰 Processor E5-2658A v3 (30M Cache, 2.20 GHz)
16-Nov-2015
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
Advantech Co., Ltd.
FWA-4208 ADVANTECH-FWA-4208 Datasheet
464Kb / 2P
   1U Rack-mount Network Application Platform based on Intel짰 Xeon짰 X3400 Processor or Intel짰 Core??i5/i3 ProcessorRoHSCOMPLIANT2002/95/EC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com