전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL1404SPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRL1404SPBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL1404SPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRL1404SPBF_15 Datasheet HTML 3Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 4Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 5Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 6Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 7Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 8Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 9Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 10Page - International Rectifier IRL1404SPBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRL1404S/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
AS S E MB L Y
LOT CODE
RE CT IF IE R
INT E R NAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P " in as s embly line
pos ition indicates "L ead-F ree"
IN T H E AS S E MB LY LINE "C"
LOGO
T H IS IS AN IR L 3103L
L OT CODE 1789
EXAMPL E:
LINE C
DAT E CODE
WE E K 19
YE AR 7 = 1997
PAR T NU MB E R
PAR T NU MB E R
LOGO
LOT CODE
AS S E MB L Y
INT E R NAT IONAL
RE CT IF IE R
PR ODU CT (OPT IONAL )
P = DE S IGNAT E S L E AD-F R E E
A = AS SE MB L Y SIT E CODE
WE E K 19
YE AR 7 = 1997
DAT E CODE
OR


유사한 부품 번호 - IRL1404SPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL1404SPBF IRF-IRL1404SPBF Datasheet
653Kb / 11P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRL1404SPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com