전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL6297SDPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRL6297SDPBF
상세설명  Charge and Discharge Switch for Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL6297SDPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRL6297SDPBF_15 Datasheet HTML 1Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 2Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 3Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 4Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 5Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 6Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 7Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 8Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRL6297SDPbF
www.irf.com © 2013 International Rectifier
September 5, 2013
2
† Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
6.1
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.8
4.9
–––
5.4
6.9
VGS(th)
Gate Threshold Voltage
0.50
0.80
1.10
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
60
–––
–––
S
Qg
Total Gate Charge
–––
54
–––
Qg
Total Gate Charge
–––
27
–––
Qgs1
Pre- Vth Gate-to-Source Charge
–––
2.2
–––
VDS = 10V
Qgs2
Post -Vth Gate-to-Source Charge
–––
1.4
–––
VGS = 4.5V
Qgd
Gate-to-Drain Charge
–––
9.5
–––
ID = 12A
Qgodr
Gate Charge Overdrive
–––
13.9
–––
See Fig.15
Qsw
Switch charge (Qgs2 + Qgd)
–––
10.9
–––
Qoss
Output Charge
–––
15
–––
nC
RG
Gate Resistance
–––
1.8
–––
td(on)
Turn-On Delay Time
–––
8.8
–––
tr
Rise Time
–––
29
–––
td(off)
Turn-Off Delay Time
–––
41
–––
tf
Fall Time
–––
41
–––
Ciss
Input Capacitance
–––
2245
–––
Coss
Output Capacitance
–––
610
–––
Crss
Reverse Transfer Capacitance
–––
395
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
28
42
ns
Qrr
Reverse Recovery Charge
–––
21
32
nC
ns
pF
A
–––
–––
–––
–––
25
140
µA
m
nA
nC
di/dt = 100 A/µs
h
TJ = 25°C, IS = 12A, VGS = 0V h
showing the
integral reverse
p-n junction diode.
VGS = 2.5V, ID = 12A h
TJ = 25°C, IF = 12A, VDD = 10V
VGS = 0V
VDS = 10V
ID = 12A
VDD = 10V, VGS = 4.5VÃh
VDS = VGS, ID = 35µA
VDS = 16 V, VGS = 0V
VGS = 12V
VGS = -12V
MOSFET symbol
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mA
VGS = 4.5V, ID = 15A h
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 150°C
RG = 2.0 Ω
VDS = 10V, ID =12A
Conditions
See Fig.17
ƒ = 1.0MHz
VDS = 10V, VGS = 10V, ID = 12A
D
S
G


유사한 부품 번호 - IRL6297SDPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
logo
Vishay Siliconix
IRL620 VISHAY-IRL620 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
09-Jul-2021
IRL620 VISHAY-IRL620 Datasheet
1Mb / 9P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRL6297SDPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com