전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS0335YCN-041 데이터시트(PDF) 2 Page - PACELEADER INDUSTRIAL

부품명 SS0335YCN-041
상세설명  Continuous Forward Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PACELEADER [PACELEADER INDUSTRIAL]
홈페이지  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SS0335YCN-041 데이터시트(HTML) 2 Page - PACELEADER INDUSTRIAL

  SS0335YCN-041 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SS0335YCN-041 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SS0335YCN-041 Datasheet HTML 3Page - PACELEADER INDUSTRIAL SS0335YCN-041 Datasheet HTML 4Page - PACELEADER INDUSTRIAL SS0335YCN-041 Datasheet HTML 5Page - PACELEADER INDUSTRIAL SS0335YCN-041 Datasheet HTML 6Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PACELEADER INDUSTRIAL CO.,LTD
Part No. SS0335YCN-041
Page 2 OF 6


유사한 부품 번호 - SS0335YCN-041

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
   Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
   Continuous Forward Current
More results

유사한 설명 - SS0335YCN-041

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
   Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
   Continuous Forward Current
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
M.S. Kennedy Corporatio...
MSK4803 MSK-MSK4803_15 Datasheet
935Kb / 8P
   600A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com