전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL7486MPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRL7486MPBF
상세설명  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL7486MPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRL7486MPBF_15 Datasheet HTML 1Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 2Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 3Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 4Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 5Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 6Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 7Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 8Page - International Rectifier IRL7486MPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRL7486MTRPbF
 
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 14, 2015
Notes:
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Used double sided cooling , mounting pad with large heatsink.
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
209
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
132
A
IDM
Pulsed Drain Current 
836
 
PD @TC = 25°C
Maximum Power Dissipation
104
W
Linear Derating Factor
0.83
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Avalanche Characteristics
  
EAS (Thermally limited)
Single Pulse Avalanche Energy 
80
EAS (Thermally limited)
Single Pulse Avalanche Energy 
190
IAR
Avalanche Current 
See Fig.15,16, 23a, 23b
A
EAR
Repetitive Aval`anche Energy 
mJ
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient 
–––
60
°C/W
RJA
Junction-to-Ambient 
12.5
–––
RJA
Junction-to-Ambient 
20
–––
RJC
Junction-to-Case 
–––
1.2
RJ-PCB
Junction-to-PCB Mounted
0.75
–––
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value 
111
Static @ TJ = 25°C (unless otherwise specified)
   
 
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
35
––– mV/°C Reference to 25°C, ID = 1.0mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.0
1.25
m

VGS = 10V, ID = 123A 
–––
1.5
2.0 
VGS = 4.5V, ID = 62A 
VGS(th)
Gate Threshold Voltage
1.0
1.8
2.5
V
VDS = VGS, ID = 150µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 40V, VGS = 0V
–––
–––
150
VDS = 40V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Internal Gate Resistance
–––
0.97
–––
nA
TC measured with thermocouple mounted to top (Drain) of part.
Surface mounted on 1 in. square Cu
board (still air).
Mounted to a PCB with small clip
heatsink (still air)
 
Mounted on minimum footprint full size
board with metalized back and with
small clip heatsink (still air)


유사한 부품 번호 - IRL7486MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL7486MTRPBF IRF-IRL7486MTRPBF Datasheet
511Kb / 11P
   Brushed Motor drive applications
More results

유사한 설명 - IRL7486MPBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com