전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP51 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BCP51
상세설명  45 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP51 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button BCP51_15 Datasheet HTML 2Page - NXP Semiconductors BCP51_15 Datasheet HTML 3Page - NXP Semiconductors BCP51_15 Datasheet HTML 4Page - NXP Semiconductors BCP51_15 Datasheet HTML 5Page - NXP Semiconductors BCP51_15 Datasheet HTML 6Page - NXP Semiconductors BCP51_15 Datasheet HTML 7Page - NXP Semiconductors BCP51_15 Datasheet HTML 8Page - NXP Semiconductors BCP51_15 Datasheet HTML 9Page - NXP Semiconductors BCP51_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
BCP51_BCX51_BC51PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 13 October 2011
6 of 22
NXP Semiconductors
BCP51; BCX51; BC51PA
45 V, 1 A PNP medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated, mounting pad for collector 1 cm2.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
BCP51
[1] --
192
K/W
[2] --
125
K/W
[3] --
93
K/W
BCX51
[1] --
250
K/W
[2] --
132
K/W
[3] --
93
K/W
BC51PA
[1] --
298
K/W
[2] --
151
K/W
[3] --
114
K/W
[4] --
154
K/W
[5] --
76
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BCP51
-
-
16
K/W
BCX51
-
-
16
K/W
BC51PA
-
-
20
K/W


유사한 부품 번호 - BCP51_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51_15 Datasheet
673Kb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
BCP51 SECOS-BCP51_15 Datasheet
269Kb / 2P
   PNP Silicon Medium Power Transistor
More results

유사한 설명 - BCP51_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC636 NXP-BC636 Datasheet
144Kb / 15P
   45 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
logo
Nexperia B.V. All right...
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
   45 V, 1 A PNP medium power transistors
6 December 2022
logo
NXP Semiconductors
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
logo
Nexperia B.V. All right...
BCP51 NEXPERIA-BCP51 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
   45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com