전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLB8721PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLB8721PBF
상세설명  Optimized for UPS/Inverter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLB8721PBF 데이터시트(HTML) 9 Page - International Rectifier

  IRLB8721PBF_15 Datasheet HTML 1Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 2Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 3Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 4Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 5Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 6Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 7Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 8Page - International Rectifier IRLB8721PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRLB8721PbF
www.irf.com
9
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.32mH, RG = 25Ω,
IAS = 25A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
„ When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to
application note #AN-994.
… Rθ is measured at TJ approximately 90°C.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2009
TO-220AB Part Marking Information
INTERNATIONAL
PART NUMBER
RECTIFIER
LOT CODE
ASSEMBLY
LOGO
YEAR 0 = 2000
DAT E CODE
WEEK 19
LINE C
LOT CODE 1789
EXAMPLE: T HIS IS AN IRF1010
Note: "P" in assembly lineposition
indicates "Lead - Free"
IN T HE ASSEMBLY LINE "C"
ASSEMBLED ON WW 19, 2000
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


유사한 부품 번호 - IRLB8721PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF Datasheet
272Kb / 9P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLB8721PBF VBSEMI-IRLB8721PBF Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRLB8721PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com