전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLB8748PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLB8748PBF
상세설명  Optimized for UPS/Inverter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLB8748PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLB8748PBF_15 Datasheet HTML 1Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 2Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 3Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 4Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 5Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 6Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 7Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 8Page - International Rectifier IRLB8748PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLB8748PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
21
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.8
4.8
–––
5.5
6.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-7.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
196
–––
–––
S
Qg
Total Gate Charge
–––
15
23
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
5.9
–––
Qgodr
Gate Charge Overdrive
–––
3.9
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.1
–––
Qoss
Output Charge
–––
11
–––
nC
RG
Gate Resistance
–––
2.0
3.5
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
96
–––
td(off)
Turn-Off Delay Time
–––
16
–––
tf
Fall Time
–––
34
–––
Ciss
Input Capacitance
–––
2139
–––
Coss
Output Capacitance
–––
464
–––
Crss
Reverse Transfer Capacitance
–––
199
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
2335ns
Qrr
Reverse Recovery Charge
–––
39
59
nC
ton
Forward Turn-On Time
m
92
f
370
µA
nA
ns
pF
A
Typ.
–––
Conditions
7.5
Max.
114
32
ƒ = 1.0MHz
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
VDS = 15V, ID = 32A
VDS = VGS, ID = 50µA
VDS = 15V
VGS = 4.5V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 40A e
VGS = 4.5V, ID = 32A
e
VGS = 20V
VGS = -20V
–––
ID = 32A
VGS = 0V
VDS = 15V
RG = 1.8Ω
ID = 32A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
TJ = 25°C, IF = 32A, VDD = 15V
di/dt = 200A/µs
e
TJ = 25°C, IS = 32A, VGS = 0V e
showing the
integral reverse
p-n junction diode.


유사한 부품 번호 - IRLB8748PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB8748PBF IRF-IRLB8748PBF Datasheet
270Kb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results

유사한 설명 - IRLB8748PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com