전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP68 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BCP68
상세설명  20 V, 2 A NPN medium power transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 데이터시트(HTML) 2 Page - NXP Semiconductors

  BCP68_15 Datasheet HTML 1Page - NXP Semiconductors BCP68_15 Datasheet HTML 2Page - NXP Semiconductors BCP68_15 Datasheet HTML 3Page - NXP Semiconductors BCP68_15 Datasheet HTML 4Page - NXP Semiconductors BCP68_15 Datasheet HTML 5Page - NXP Semiconductors BCP68_15 Datasheet HTML 6Page - NXP Semiconductors BCP68_15 Datasheet HTML 7Page - NXP Semiconductors BCP68_15 Datasheet HTML 8Page - NXP Semiconductors BCP68_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
2 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
[1]
Pulse test: tp  300 s;  = 0.02.
2.
Pinning information
hFE
DC current gain
VCE =1V; IC =500 mA [1] 85
-
375
hFE selection -25
VCE =1V; IC =500 mA [1] 160
-
375
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT223
1base
2
collector
3emitter
4
collector
SOT89
1emitter
2
collector
3base
SOT1061
1base
2emitter
3
collector
13
2
4
sym016
2, 4
3
1
321
sym042
1
2
3
Transparent top view
12
3
sym021
3
2
1


유사한 부품 번호 - BCP68_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68_15 Datasheet
811Kb / 2P
   NPN Transistors
logo
Unisonic Technologies
BCP68 UTC-BCP68_15 Datasheet
182Kb / 3P
   NPN MEDIUM POWER TRANSISTOR
More results

유사한 설명 - BCP68_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
   20 V, 2 A NPN medium power transistors
BCP68-Q_SER NEXPERIA-BCP68-Q_SER Datasheet
244Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
   20 V, 2 A PNP medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com