전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLHS6376PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLHS6376PBF
상세설명  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6376PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRLHS6376PBF Datasheet HTML 1Page - International Rectifier IRLHS6376PBF Datasheet HTML 2Page - International Rectifier IRLHS6376PBF Datasheet HTML 3Page - International Rectifier IRLHS6376PBF Datasheet HTML 4Page - International Rectifier IRLHS6376PBF Datasheet HTML 5Page - International Rectifier IRLHS6376PBF Datasheet HTML 6Page - International Rectifier IRLHS6376PBF Datasheet HTML 7Page - International Rectifier IRLHS6376PBF Datasheet HTML 8Page - International Rectifier IRLHS6376PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 2
Features and Benefits
Applications
Charge and discharge switch for battery application
Load/System Switch
VDS
30
V
VGS
±12
V
RDS(on) max
(@VGS = 4.5V)
63
m
RDS(on) max
(@VGS = 2.5V)
82
m
ID
(@Tc(Bottom) = 25°C)
3.4
d
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TC(Bottom) = 25°C
Power Dissipation
f
Linear Derating Factor
f
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
3.6
d
4.9
d
30
±12
30
2.9
7.6
d
3.4
d
-55 to + 150
1.5
0.012
6.6
Features
Resulting Benefits
Low RDSon (≤ 63mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 19°C/W)
Enable better thermal dissipation
Low Profile (
≤ 1.0mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
2mm x 2mm Dual PQFN
D2
G1
S1
S2
G2
D1
D1
D2
IRLHS6376PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 21, 2014
Note
Form
Quantity
IRLHS6376TRPBF
PQFN Dual 2mm x 2mm
Tape and Reel
4000
IRLHS6376TR2PBF
PQFN Dual 2mm x 2mm
Tape and Reel
400
EOL notice #259
Orderable part number
Package Type
Standard Pack


유사한 부품 번호 - IRLHS6376PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLHS6376PBF IRF-IRLHS6376PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLHS6376PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com