전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2402PBF-1 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRLML2402PBF-1
상세설명  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402PBF-1 데이터시트(HTML) 3 Page - International Rectifier

  IRLML2402PBF-1 Datasheet HTML 1Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 2Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 3Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 4Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 5Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 6Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 7Page - International Rectifier IRLML2402PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRLML2402PbF-1
3
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 28, 2014
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
0.1
1
10
V
, Drain-to-Source Voltage (V)
DS
20μs PULSE WIDTH
T = 25°C
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTTOM 1.5V
1.5V
J
0.01
0.1
1
10
100
0.1
1
10
V
, Drain-to-Source Voltage (V)
DS
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTTOM 1.5V
1.5V
20μs PULSE WIDTH
T = 150°C
J
0.01
0.1
1
10
1.5
2.0
2.5
3.0
3.5
4.0
T = 25°C
T = 150°C
J
J
GS
V
, Gate-to-Source Voltage (V)
A
V
= 10V
20μs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80 100 120 140 160
J
T , Junction Temperature (°C)
A
V
= 4.5V
GS
I = 0.93A
D


유사한 부품 번호 - IRLML2402PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2402PBF IRF-IRLML2402PBF Datasheet
192Kb / 8P
   HEXFET Power MOSFET
IRLML2402PBF IRF-IRLML2402PBF Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML2402PBF IRF-IRLML2402PBF_15 Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

유사한 설명 - IRLML2402PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com