전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML9303PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRLML9303PBF
상세설명  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML9303PBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRLML9303PBF Datasheet HTML 2Page - International Rectifier IRLML9303PBF Datasheet HTML 3Page - International Rectifier IRLML9303PBF Datasheet HTML 4Page - International Rectifier IRLML9303PBF Datasheet HTML 5Page - International Rectifier IRLML9303PBF Datasheet HTML 6Page - International Rectifier IRLML9303PBF Datasheet HTML 7Page - International Rectifier IRLML9303PBF Datasheet HTML 8Page - International Rectifier IRLML9303PBF Datasheet HTML 9Page - International Rectifier IRLML9303PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRLML9303TRPbF
www.irf.com
7
Fig 15. Typical Threshold Voltage vs.
Junction Temperature
Fig 16. Typical Power vs. Time
1E-7 1E-6 1E-5 1E-4 1E-3 1E-2 1E-1 1E+0
Time (sec)
0
200
400
600
800
1000
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = -10μA


유사한 부품 번호 - IRLML9303PBF

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
IRLML9303 LEIDITECH-IRLML9303 Datasheet
755Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
IRLML9303TR UMW-IRLML9303TR Datasheet
470Kb / 8P
   Industry-standard pinout
logo
International Rectifier
IRLML9303TRPBF IRF-IRLML9303TRPBF Datasheet
208Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9303TRPBF ZPSEMI-IRLML9303TRPBF Datasheet
286Kb / 2P
   HEXFETPower MOSFET
More results

유사한 설명 - IRLML9303PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com