전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC10X-600 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BYC10X-600
상세설명  Rectifier diode, hyperfast
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10X-600 데이터시트(HTML) 3 Page - NXP Semiconductors

  BYC10X-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC10X-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BYC10X-600_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 16 January 2008
3 of 10
NXP Semiconductors
BYC10X-600
Rectifier diode, hyperfast
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance from junction to heatsink with heatsink compound;
see Figure 1
-
-
4.8
K/W
without heatsink compound
-
-
5.9
K/W
Rth(j-a)
thermal resistance from junction to ambient in free air
-
60
-
K/W
Fig 1.
Transient thermal impedance from junction to heatsink as a function of pulse width
001aaf257
10−2
10−1
1
10
Zth(j-h)
(K/W)
10−3
tp (s)
10−6
10
1
10−1
10−5
10−3
10−2
10−4
tp
tp
T
P
t
T
δ =
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all terminals to external heatsink;
f = 50 Hz to 60 Hz; sinusoidal waveform;
relative humidity
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from cathode to external heatsink; f = 1 MHz
-
10
-
pF


유사한 부품 번호 - BYC10X-600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
More results

유사한 설명 - BYC10X-600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC20X-600 NXP-BYC20X-600 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
NXP Semiconductors
BYC5X-600 NXP-BYC5X-600 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com