전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC30X-600P 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BYC30X-600P
상세설명  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC30X-600P 데이터시트(HTML) 6 Page - NXP Semiconductors

  BYC30X-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC30X-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NXP Semiconductors
BYC30X-600P
Hyperfast power diode
BYC30X-600P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
4 February 2013
6 / 9
12. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD113
2-lead TO-220F
SOD113
02-04-09
07-06-18
Notes
1. Terminals are uncontrolled within zone L1.
2. z is depth of T.
UNIT
A
mm
4.6
4.0
2.9
2.5
0.9
0.7
0.7
0.4
15.8
15.2
10.3
9.7
5.08
2.7
1.7
0.6
0.4
3.3
2.8
2.55
0.4
2.6
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 2-lead TO-220 'full pack'
0
10
20 mm
scale
b
b1
1.1
0.9
c
D
E
e
HE
max
19.0
L2
max
0.5
j
k
L
14.4
13.5
L1(1)
m
6.5
6.3
P
3.2
3.0
Q
q
2.6
2.3
T
w
z(2)
0.8
A
A1
c
Q
k
j
m
z
e
w M
1
2
b
E
P
b1
q
D
T
HE
L
L1(1)
L2
Fig. 8. Package outline TO-220F (SOD113)


유사한 부품 번호 - BYC30X-600P_15

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BYC30X-600P ISC-BYC30X-600P Datasheet
293Kb / 2P
   Ultra fast Rectifier
logo
WeEn Semiconductors
BYC30X-600P WEEN-BYC30X-600P Datasheet
340Kb / 10P
   Hyperfast power diode
More results

유사한 설명 - BYC30X-600P_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com