전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1G2412SH30NZ 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM1G2412SH30NZ
상세설명  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G2412SH30NZ 데이터시트(HTML) 2 Page - AIMTEC

  AM1G2412SH30NZ Datasheet HTML 1Page - AIMTEC AM1G2412SH30NZ Datasheet HTML 2Page - AIMTEC AM1G2412SH30NZ Datasheet HTML 3Page - AIMTEC AM1G2412SH30NZ Datasheet HTML 4Page - AIMTEC AM1G2412SH30NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM1G-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8
2 of 5
North America only
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage(V)
Output
Current max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM1G-0505D-NZ
4.5-9
±5
±100
1500
±1000
73
AM1G-0512D-NZ
4.5-9
±12
±42
1500
±470
76
AM1G-0515D-NZ
4.5-9
±15
±33
1500
±330
75
AM1G-1205D-NZ
9-18
±5
±100
1500
±1000
78
AM1G-1212D-NZ
9-18
±12
±42
1500
±470
81
AM1G-1215D-NZ
9-18
±15
±33
1500
±330
80
AM1G-2405D-NZ
18-36
±5
±100
1500
±1000
80
AM1G-2409D-NZ
18-36
±9
±56
1500
±680
80
AM1G-2412D-NZ
18-36
±12
±42
1500
±470
80
AM1G-2415D-NZ
18-36
±15
±33
1500
±330
80
AM1G-4805D-NZ
36-75
±5
±100
1500
±1000
76
AM1G-4812D-NZ
36-75
±12
±42
1500
±470
80
AM1G-4815D-NZ
36-75
±15
±33
1500
±330
80
AM1G-0505DH30-NZ
4.5-9
±5
±100
3000
±1000
73
AM1G-0512DH30-NZ
4.5-9
±12
±42
3000
±470
76
AM1G-0515DH30-NZ
4.5-9
±15
±33
3000
±330
75
AM1G-1205DH30-NZ
9-18
±5
±100
3000
±1000
78
AM1G-1212DH30-NZ
9-18
±12
±42
3000
±470
81
AM1G-1215DH30-NZ
9-18
±15
±33
3000
±330
80
AM1G-2405DH30-NZ
18-36
±5
±100
3000
±1000
80
AM1G-2412DH30-NZ
18-36
±12
±42
3000
±470
80
AM1G-2415DH30-NZ
18-36
±15
±33
3000
±330
80
AM1G-4805DH30-NZ
36-75
±5
±100
3000
±1000
76
AM1G-4812DH30-NZ
36-75
±12
±42
3000
±470
80
AM1G-4815DH30-NZ
36-75
±15
±33
3000
±330
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
48
4.5-9
9-18
18-36
36-75
VDC
Peak Input Voltage time
1
sec
Filter
Capacitor
Maximum Rating
5 Vin
12 Vin
24 Vin
48 Vin
12
25
50
100
VDC
No load input current
5 Vin
12 Vin
24 Vin
48 Vin
25
12
6
4
mA
Input Reflected Ripple Current
5 Vin
12 Vin
24 Vin
48 Vin
30
40
55
70
mA
On/Off Control*
ON – open or Isolated; OFF – high voltage level (current 5-10mA)
*Note: Exceeding 20mA of control current will permanently damage the converter.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec, <1mA
1500, 3000
VDC
Resistance
> 1000
MOhm
Capacitance
3000VDC Isolation,100kHz, 0.1V
30
pF
1500VDC Isolation,100kHz, 0.1V
120


유사한 부품 번호 - AM1G2412SH30NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-0503DH30Z AIMTEC-AM1G-0503DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503DZ AIMTEC-AM1G-0503DZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SH30Z AIMTEC-AM1G-0503SH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SZ AIMTEC-AM1G-0503SZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0505DH30Z AIMTEC-AM1G-0505DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
More results

유사한 설명 - AM1G2412SH30NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com