전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM15EW-11015S-NZ 데이터시트(PDF) 4 Page - AIMTEC

부품명 AM15EW-11015S-NZ
상세설명  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15EW-11015S-NZ 데이터시트(HTML) 4 Page - AIMTEC

  AM15EW-11015S-NZ Datasheet HTML 1Page - AIMTEC AM15EW-11015S-NZ Datasheet HTML 2Page - AIMTEC AM15EW-11015S-NZ Datasheet HTML 3Page - AIMTEC AM15EW-11015S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM15EW-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
4 of 4
North America only
AM15EW‐11015S‐NZ 
Trim down % 
3
4
5
6
9
10
Vout (VDC) 
14.85 
14.7 
14.55
14.4
14.25
14.1
13.95 
13.8 
13.65
13.5
Rt down (KΩ) 
570.165  371.335  271.179 210.846 170.524 141.673 120.008  103.142 
89.638
78.584
Trim up % 
3
4
5
6
9
10
Vout (VDC) 
15.15 
15.3 
15.45
15.6
15.75
15.9
16.05 
16.2 
16.35
16.5
Rt up (KΩ) 
3208.668  231.297 
104.85
63.553
43.061
30.815
22.672 
16.865 
12.516
9.136
AM15EW‐11024S‐NZ 
Trim down % 
3
4
5
6
9
10
Vout (VDC) 
23.76 
23.52 
23.28
23.04
22.8
22.56
22.32 
22.08 
21.84
21.6
Rt down (KΩ) 
1135.537  730.699  532.922 415.701 338.146 283.038 241.862  209.929  184.441 163.624
Trim up % 
3
4
5
6
9
10
Vout (VDC) 
24.24 
24.48 
24.72
24.96
25.2
25.44
25.68 
25.92 
26.16
26.4
Rt up (KΩ) 
2871.219  219.961  106.182
66.054
45.551
33.104
24.745 
18.744 
14.226
10.703
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
70ºC with heat sink
60ºC without heat sink


유사한 부품 번호 - AM15EW-11015S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM15EW-11015SIZ AIMTEC-AM15EW-11015SIZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-11015SIZ AIMTEC-AM15EW-11015SIZ Datasheet
254Kb / 5P
   15 Watt | DC-DC Converter
More results

유사한 설명 - AM15EW-11015S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com