전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPM-2120G-X0AE 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 FPM-2120G-X0AE
상세설명  12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-2120G-X0AE 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  FPM-2120G-X0AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-2120G-X0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FPM-2120G
Accessories
ƒ
FPM-2120G-SMKE
FPM-2120G/2150G/2170G Stand Kit
ƒ
FPM-2120G-RMKE
FPM-2120G Rack-Mount Kit
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
ƒ
1702002600
Power Cable US Plug 1.8 M
I/O View
Touch Screen (RS-232)
VGA Port
Touch Screen (USB)
DC Jack 12VDC
(100~240VAC adapter included)
Front View
Rear View
VESA Mount
OSD Control Keys
Wallmount
Panel Cut-out Dimensions: 303.3 x 229.3 mm (11.94" x 9.03")
301.30 [11.86]
40.63 [1.60]
130 [5.12]
100 [3.94]
75 [2.95]
21.50 [0.85]
3 [0.12]
311 [12.24]
307.80
[12.12]
229.16 [9.02]
268.24 [10.56]
Dimensions
Unit: mm [inch]


유사한 부품 번호 - FPM-2120G-X0AE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FPM-2120G-X0AE ADVANTECH-FPM-2120G-X0AE Datasheet
275Kb / 2P
   12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com