전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPM-3191G 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 FPM-3191G
상세설명  9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3191G 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3191G_15 Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3191G_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
FPM-3191G
Diameters of the rackmount holes:
Vertical: 6.5 mm
Horizontal: 9 mm
Panel Cut-out Dimensions: 444 x 376.4 mm (17.48" x 14.82")
Mounting with DC Source
I/O View
VGA Port
DC-Jack 12VDC for
Power Adapter
Phoeni x Jack: 24 VDC
T/S USB Port
DVI-D
T/S RS-232 Port
482.00 [18.98]
8.00
[0.31]
67.00 [2.64]
439.00 [17.28]
100.00 [3.94]
75.00 [2.95]
M4
M4
M4
M4
M4
M4
M4
M4
Ordering Information
ƒ
FPM-3191G-X0AE
19" SXGA Ind. Monitor with VGA, DVI
ƒ
FPM-3191G-R3AE
19" SXGA Ind. Monitor w/ Resistive TS (Combo)
Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
(Direct rack mounting, no need accessory)


유사한 부품 번호 - FPM-3191G_15

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FPM-3191G-R3BE ADVANTECH-FPM-3191G-R3BE Datasheet
342Kb / 2P
   9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-3191G-RCE ADVANTECH-FPM-3191G-RCE Datasheet
730Kb / 2P
   19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G-XCE ADVANTECH-FPM-3191G-XCE Datasheet
730Kb / 2P
   19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
   9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com