전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT16245B(1) 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ABT16245B(1)
상세설명  16-bit bus transceiver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16245B(1) 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT16245B(1)_15 Datasheet HTML 2Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 3Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 4Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 5Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 6Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 7Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 8Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 9Page - NXP Semiconductors 74ABT16245B(1)_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74ABT16245B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 19 August 2014
6 of 15
NXP Semiconductors
74ABT16245B
16-bit bus transceiver; 3-state
9.
Static characteristics
[1]
This parameter is valid for any VCC between 0 V and 2.1 V, with a transition time of up to 10 ms. From VCC = 2.1 V to VCC = 5 V  10 %,
a transition time of up to 100
s is permitted.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This is the increase in supply current for each input at 3.4 V.
[4]
This data sheet limit may vary among suppliers.
Table 6.
Static characteristics
Symbol Parameter
Conditions
25
C
40 C to +85 C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = 18 mA
1.2 0.9
-
1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = 3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = 3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = 32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL =64mA;
VI =VIL or VIH
-
0.42
0.55
-
0.55
V
II
input leakage current
control pins; VCC = 5.5 V;
VI =VCC or GND
-
0.01 1.0
-
1.0
A
IOFF
power-off leakage
current
VCC = 0 V; VI or VO  4.5 V
-
5.0 100
-
100
A
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO =0.5 V;
VI =GND or VCC; nOE =HIGH
[1]
-
5.0
50
-
50
A
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
output HIGH-state at VO = 5.5 V
-
0.1
10
-
10
A
output LOW-state at VO = 0 V
-
0.1
10
-
10
A
ILO
output leakage current HIGH-state; VO =5.5 V; VCC =5.5 V;
VI =GND or VCC
-5.0
50
-
50
A
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
50
92 180
50
180
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.30
0.7
-
0.7
mA
outputs LOW-state
-
10
19
-
19
mA
outputs 3-state
-
0.30
0.7
-
0.7
mA
I
CC
additional supply
current
per input pin; VCC = 5.5 V
[3][4]
outputs enabled; one data input at
3.4 V and other inputs at VCC or GND
-
400
700
-
700
A
outputs disabled; one data input at
3.4 V and other inputs at VCC or GND
-
100
250
-
250
A
control pins; outputs disabled; one
enable input at 3.4 V and other inputs
at VCC or GND
-
400
700
-
700
A
CI
input capacitance
VI = 0 V or VCC
-4
-
-
-
pF
CI/O
input/output
capacitance
outputs disabled; VO =0V or VCC
-7
-
-
-
pF


유사한 부품 번호 - 74ABT16245B(1)_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245BDGG PHILIPS-74ABT16245BDGG Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245BDGG NEXPERIA-74ABT16245BDGG Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
More results

유사한 설명 - 74ABT16245B(1)_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com