전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC_AHCT1G07 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC_AHCT1G07
상세설명  Buffer with open-drain output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G07 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT1G07_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AHC_AHCT1G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 18 November 2014
6 of 12
NXP Semiconductors
74AHC1G07; 74AHCT1G07
Buffer with open-drain output
12. Waveforms
Measurement points are given in Table 9.
Fig 5.
Input (A) to output (Y) propagation delays
Table 9.
Measurement point
Type
Input
Output
VI
VM(1)
VM(2)
74AHC1G07
GND to VCC
0.5
 V
CC
0.5
 V
CC
74AHCT1G07
GND to 3.0 V
1.5 V
0.5
 V
CC
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
For tPLZ, tPZL, S1 = VCC
Fig 6.
Test circuit for measuring switching times


유사한 부품 번호 - 74AHC_AHCT1G07_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC_AHCT1G04 PHILIPS-74AHC_AHCT1G04_15 Datasheet
158Kb / 14P
   Inverter
Rev. 9-10 March 2015
More results

유사한 설명 - 74AHC_AHCT1G07_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com