전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC_AHCT139 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AHC_AHCT139
상세설명  Dual 2-to-4 line decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT139 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AHC_AHCT139_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74AHC_AHCT139_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
5 of 14
NXP Semiconductors
74AHC139; 74AHCT139
Dual 2-to-4 line decoder/demultiplexer
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74AHC139
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74AHCT139
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC139
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V


유사한 부품 번호 - 74AHC_AHCT139_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
More results

유사한 설명 - 74AHC_AHCT139_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com