전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC04 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ALVC04
상세설명  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC04 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ALVC04_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2003 May 14
5
Philips Semiconductors
Product specification
Hex inverter
74ALVC04
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
3. For SO14 packages: above 70
°C derate linearly with 8 mW/K.
a) For TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
b) For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
VCC = 1.65 to 3.6 V
0
VCC
V
VCC = 0 V; Power-down mode
0
3.6
V
Tamb
operating ambient temperature
−40
+85
°C
tr,tf
input rise and fall times
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+4.6
V
IIK
input diode current
VI <0
−−50
mA
VI
input voltage
−0.5
+4.6
V
IOK
output diode current
VO >VCC or VO <0
−±50
mA
VO
output voltage
notes 1 and 2
−0.5
VCC + 0.5
V
Power-down mode; note 2
−0.5
+4.6
V
IO
output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 to +85 °C; note 3
500
mW


유사한 부품 번호 - 74ALVC04_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC04BQ NEXPERIA-74ALVC04BQ Datasheet
232Kb / 13P
   Hex inverter
Rev. 4 - 30 April 2021
74ALVC04D NEXPERIA-74ALVC04D Datasheet
232Kb / 13P
   Hex inverter
Rev. 4 - 30 April 2021
74ALVC04PW NEXPERIA-74ALVC04PW Datasheet
232Kb / 13P
   Hex inverter
Rev. 4 - 30 April 2021
More results

유사한 설명 - 74ALVC04_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com