전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC162334A 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVC162334A
상세설명  16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162334A 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC162334A_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74ALVC162334A_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
6 of 19
NXP Semiconductors
74ALVC162334A
16-bit registered driver (3-state)
7.
Functional description
Refer to Figure 1 “Logic symbol (IEEE/IEC)” and Figure 2 “Logic diagram”.
7.1 Function selection
[1]
Output level before the indicated steady-state input conditions were established, provided that CP is HIGH
before LE goes LOW.
[2]
Output level before the indicated steady-state input conditions were established.
Table 4.
Function selection
H = HIGH voltage level; L = LOW voltage level; X = Don’t care; Z = high-impedance OFF-state;
↑ = LOW to HIGH level transition.
Inputs
Outputs
OE
LE
CP
An
Yn
H
XXXZ
LLX
LL
LLX
H
H
LH
LL
LH
HH
L
HHX
Y0[1]
LH
LX
Y0[2]


유사한 부품 번호 - 74ALVC162334A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162334ADGG PHILIPS-74ALVC162334ADGG Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162334ADGG NXP-74ALVC162334ADGG Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
logo
Nexperia B.V. All right...
74ALVC162334ADGG NEXPERIA-74ALVC162334ADGG Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
More results

유사한 설명 - 74ALVC162334A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162334A NXP-74ALVC162334A Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
logo
Nexperia B.V. All right...
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com