전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16652 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ALVCH16652
상세설명  16-bit transceiver/register with dual enable; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16652 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16652_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16652_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Nov 23
8
Philips Semiconductors
Product specification
16-bit transceiver/register with dual enable; 3-state
74ALVCH16652
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 55
°C the value of Ptot derates linearly with 8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
for maximum speed performance CL = 30 pF
2.3
2.5
2.7
V
for maximum speed performance CL = 50 pF
3.0
3.3
3.6
V
for low-voltage applications
1.2
2.4
3.6
V
VI
DC input voltage
0
VCC
V
VO
DC output voltage
0
VCC
V
Tamb
operating ambient temperature
in free air
−40
+85
°C
tr, tf
input rise and fall times
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
note 1
−0.5
+4.6
V
IOK
DC output diode current
VO >VCC or VO <0
−±50
mA
VO
DC output voltage
note 1
−0.5
VCC + 0.5 V
IO
DC output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
for temperature range:
−40 to +125 °C;
note 2
600
mW


유사한 부품 번호 - 74ALVCH16652_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16652DGG PHILIPS-74ALVCH16652DGG Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16652DGG NEXPERIA-74ALVCH16652DGG Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results

유사한 설명 - 74ALVCH16652_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com