전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT16373_3 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ALVT16373_3
상세설명  2.5V/3.3V 16-bit transparent D-type latch (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16373_3 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ALVT16373_3_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16373_3_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16373
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
4
LOGIC DIAGRAM
E
Q
D
nD0
nQ0
EQ
D
nD1
EQ
D
nD2
EQ
D
nD3
EQ
D
nD4
EQ
D
nD5
EQ
D
nD6
EQ
D
nD7
nQ1
nQ2
nQ3
nQ4
nQ5
nQ6
nQ7
nLE
nOE
SA00046
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING MODE
nOE
nLE
nDx
REGISTER
nQ0 – nQ7
OPERATING MODE
L
L
H
H
L
H
L
H
L
H
Enable and read register
L
L
l
h
L
H
L
H
Latch and read register
L
L
X
NC
NC
Hold
H
H
L
H
X
nDx
NC
nDx
Z
Z
Disable outputs
H = High voltage level
h
= High voltage level one set-up time prior to the High-to-Low E transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the High-to-Low E transition
NC= No change
X = Don’t care
Z = High impedance “off ” state
↓ = High-to-Low E transition


유사한 부품 번호 - 74ALVT16373_3_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT16373DGG PHILIPS-74ALVT16373DGG Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74ALVT16373DGG NEXPERIA-74ALVT16373DGG Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74ALVT16373DL PHILIPS-74ALVT16373DL Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
More results

유사한 설명 - 74ALVT16373_3_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com