전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G04 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AUP1G04
상세설명  Low-power inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G04 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AUP1G04_15 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AUP1G04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 27 June 2012
5 of 22
NXP Semiconductors
74AUP1G04
Low-power inverter
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25
°C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× VCC --
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO =
−20 μA; VCC = 0.8 V to 3.6 V
VCC
− 0.1
-
-
V
IO =
−1.1 mA; VCC = 1.1 V
0.75
× VCC --
V
IO =
−1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO =
−1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO =
−2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO =
−3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO =
−2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO =
−4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20
μA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
μA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
μA
ΔIOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
±0.2
μA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.5
μA
ΔICC
additional supply current
VI = VCC
− 0.6 V; IO = 0 A;
VCC =3.3 V
--
40
μA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-0.8
-pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF


유사한 부품 번호 - 74AUP1G04_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP1G04GF PHILIPS-74AUP1G04GF Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
74AUP1G04GF NXP-74AUP1G04GF Datasheet
101Kb / 18P
   Low-power inverter
Rev. 03-5 November 2009
74AUP1G04GM PHILIPS-74AUP1G04GM Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
74AUP1G04GM NXP-74AUP1G04GM Datasheet
101Kb / 18P
   Low-power inverter
Rev. 03-5 November 2009
More results

유사한 설명 - 74AUP1G04_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
   Low-power inverter
Rev. 03-5 November 2009
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
logo
NXP Semiconductors
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
   Low-power inverter
Rev. 1-25 August 2014
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
   Low-power inverter
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com