전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G158 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AUP1G158
상세설명  Low-power 2-input multiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G158 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G158_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G158_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74AUP1G158
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 3 August 2012
8 of 19
NXP Semiconductors
74AUP1G158
Low-power 2-input multiplexer; inverting
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay
I0, I1 or S to Y; see Figure 8
[2]
VCC = 0.8 V
-
20.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.7
11.2
2.2
11.6
11.8
ns
VCC = 1.4 V to 1.6 V
1.8
4.0
6.6
1.9
7.2
7.5
ns
VCC = 1.65 V to 1.95 V
1.6
3.2
5.2
1.4
5.9
6.2
ns
VCC = 2.3 V to 2.7 V
1.4
2.5
3.7
1.2
4.2
4.4
ns
VCC = 3.0 V to 3.6 V
1.2
2.2
3.2
0.9
3.5
3.6
ns
CL = 10 pF
tpd
propagation delay
I0, I1 or S to Y; see Figure 8
[2]
VCC = 0.8 V
-
23.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.6
13.0
2.5
13.6
13.8
ns
VCC = 1.4 V to 1.6 V
2.2
4.6
7.9
2.0
8.5
8.8
ns
VCC = 1.65 V to 1.95 V
2.1
3.8
6.1
1.9
6.7
7.0
ns
VCC = 2.3 V to 2.7 V
1.7
3.1
4.4
1.5
4.9
5.2
ns
VCC = 3.0 V to 3.6 V
1.5
2.8
4.0
1.4
4.2
4.4
ns
CL = 15 pF
tpd
propagation delay
I0, I1 or S to Y; see Figure 8
[2]
VCC = 0.8 V
-
27.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
7.4
14.7
2.8
15.4
15.7
ns
VCC = 1.4 V to 1.6 V
2.5
5.2
8.8
2.4
9.7
10.1
ns
VCC = 1.65 V to 1.95 V
2.2
4.3
6.8
2.2
7.7
8.1
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
5.1
1.9
5.6
5.9
ns
VCC = 3.0 V to 3.6 V
1.9
3.2
4.5
1.6
4.9
5.1
ns
CL = 30 pF
tpd
propagation delay
I0, I1 or S to Y; see Figure 8
[2]
VCC = 0.8 V
-
35.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
9.7
19.6
3.5
20.5
21.0
ns
VCC = 1.4 V to 1.6 V
3.2
6.7
11.4
3.2
12.6
13.2
ns
VCC = 1.65 V to 1.95 V
3.0
5.6
8.9
2.9
10.0
10.5
ns
VCC = 2.3 V to 2.7 V
2.9
4.6
6.5
2.6
7.1
7.6
ns
VCC = 3.0 V to 3.6 V
2.7
4.3
5.8
2.5
6.7
7.1
ns


유사한 부품 번호 - 74AUP1G158_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G158GF NXP-74AUP1G158GF Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158GM NXP-74AUP1G158GM Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
logo
Nexperia B.V. All right...
74AUP1G158GM NEXPERIA-74AUP1G158GM Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GN NEXPERIA-74AUP1G158GN Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GS NEXPERIA-74AUP1G158GS Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
More results

유사한 설명 - 74AUP1G158_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com