전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16373 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ALVCH16373
상세설명  2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ALVCH16373_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74ALVCH16373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 10 July 2012
3 of 18
NXP Semiconductors
74ALVCH16373
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Fig 2.
IEC logic symbol
001aam009
47
3D
1Q0
1D0
2
1
46
1Q1
1D1
3
44
1Q2
1D2
5
43
1Q3
1D3
1
1EN
1OE
48
C1
1LE
24
2EN
2OE
25
C4
2LE
6
41
1Q4
1D4
8
40
1Q5
1D5
9
38
1Q6
1D6
11
37
1Q7
1D7
12
36
2Q0
2D0
13
35
2Q1
2D1
14
33
2Q2
2D2
16
32
2Q3
2D3
17
30
2Q4
2D4
19
29
2Q5
2D5
20
27
2Q6
2D6
22
26
2Q7
2D7
23
4D
2
Fig 3.
Bus hold circuit
to internal circuit
mna705
VCC
data input
Fig 4.
Logic diagram
001aam010
LE
LE
to 7 other channels
D
LATCH
1
Q
1D0
1LE
1OE
1Q0
LE
LE
to 7 other channels
D
LATCH
9
Q
2D0
2LE
2OE
2Q0


유사한 부품 번호 - 74ALVCH16373_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16373DGG PHILIPS-74ALVCH16373DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Nexperia B.V. All right...
74ALVCH16373DGG NEXPERIA-74ALVCH16373DGG Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
Texas Instruments
74ALVCH16373DGGE4 TI-74ALVCH16373DGGE4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DGGRG4 TI-74ALVCH16373DGGRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16373DL PHILIPS-74ALVCH16373DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
More results

유사한 설명 - 74ALVCH16373_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573_15 Datasheet
323Kb / 17P
   3.3 V octal D-type transparent latch; 3-state
Rev. 8-22 November 2011
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373_15 Datasheet
100Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
74AVC16373 PHILIPS-74AVC16373 Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com