전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP3G04 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AUP3G04
상세설명  Low-power triple inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP3G04 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AUP3G04_15 Datasheet HTML 1Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AUP3G04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 29 January 2013
5 of 22
NXP Semiconductors
74AUP3G04
Low-power triple inverter
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8 and XQFN8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+4.6
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC =0V
0
3.6
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
-
200
ns/V


유사한 부품 번호 - 74AUP3G04_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434DC NEXPERIA-74AUP3G0434DC Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GF NEXPERIA-74AUP3G0434GF Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GM NEXPERIA-74AUP3G0434GM Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GN NEXPERIA-74AUP3G0434GN Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
More results

유사한 설명 - 74AUP3G04_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP3G04 NXP-74AUP3G04 Datasheet
534Kb / 17P
   Low-power triple inverter
Rev. 03-8 October 2009
logo
Nexperia B.V. All right...
74AUP3G04 NEXPERIA-74AUP3G04 Datasheet
255Kb / 17P
   Low-power triple inverter
Rev. 10 - 15 December 2020
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
Nexperia B.V. All right...
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
   Low-power triple Schmitt trigger inverter
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com