전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16600 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74ALVCH16600
상세설명  18-bit universal bus transceiver (3-State)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16600 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH16600_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16600
18-bit universal bus transceiver (3-State)
1998 Sep 24
9
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf = 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
TYP
MAX
Propagation delay
An, Bn to Bn, An
1.0
2.8
4.2
3.1
4.7
tPHL/tPLH
Propagation delay
LEAB, LEBA to Bn, An
1, 2
1.0
3.1
4.9
3.4
5.5
ns
Propagation delay
CPAB, CPBA to Bn, An
1.3
2.9
5.7
3.8
6.8
tPZH/tPZL
3-State output enable time
OEBA to An
3
1.1
2.8
5.2
3.3
6.3
ns
tPHZ/tPLZ
3-State output disable time
OEBA to An
3
1.2
3.2
4.4
3.3
4.7
ns
t
LE pulse width
LEAB, LEBA to CPAB, CPBA
2
3.3
1.0
3.3
1.0
ns
tW
LE pulse width HIGH or LOW
CPAB, CPBA
2
3.3
1.1
3.3
1.4
ns
Set-up time
An, Bn to CPAB, CPBA
4
1.2
–0.1
1.3
–0.4
tSU
Set-up time
An, Bn to LEAB, LEBA
4
1.1
0.3
1.1
–0.2
ns
Set-up time
CEAB, CEBA to CPAB, CPBA
4
0.8
–0.2
0.7
–0.7
Hold time
An, Bn to CPAB, CPBA
4
1.5
0.4
1.8
0.4
th
Hold time
An, Bn to LEAB, LEBA
4
1.3
0.1
1.6
0.1
ns
Hold time
CEAB, CEBA to CPAB, CPBA
4
1.4
0.4
1.7
0.6
fMAX
Maximum clock frequency
150
362
150
350
MHz
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


유사한 부품 번호 - 74ALVCH16600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results

유사한 설명 - 74ALVCH16600_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com