전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16501 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74ALVCH16501
상세설명  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16501 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74ALVCH16501
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 10 July 2012
9 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
[1]
All typical values are measured at Tamb = 25 C.
[2]
Typical values are measured at VCC = 2.5 V.
[3]
Typical values are measured at VCC = 3.3 V.
[4]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N +  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
 (C
L  VCC
2
 f
o) = sum of outputs.
tW
pulse width
LEAB, LEBA HIGH; see Figure 8
VCC = 2.3 V to 2.7 V
[2]
3.3
0.8
-
ns
VCC = 3.0 V to 3.6 V
[3]
3.3
0.9
-
ns
VCC = 2.7 V
3.3
0.7
-
ns
CPAB, CPBA HIGH or LOW; see Figure 8
VCC = 2.3 V to 2.7 V
[2]
3.3
2.0
-
ns
VCC = 3.0 V to 3.6 V
[3]
3.3
1.1
-
ns
VCC = 2.7 V
3.3
1.4
-
ns
tsu
set-up time
An, Bn to CPAB, CPBA; see Figure 9
VCC = 2.3 V to 2.7 V
[2]
1.7
0.1
-
ns
VCC = 3.0 V to 3.6 V
[3]
1.3
0.3
-
ns
VCC = 2.7 V
1.4
0.1
-
ns
An, Bn to LEAB, LEBA; see Figure 9
VCC = 2.3 V to 2.7 V
[2]
1.1
0.1
-
ns
VCC = 3.0 V to 3.6 V
[3]
1.0
0.3
-
ns
VCC = 2.7 V
1.0
0.2
-
ns
th
hold time
An, Bn to CPAB, CPBA; see Figure 9
VCC = 2.3 V to 2.7 V
[2]
1.7
0.3
-
ns
VCC = 3.0 V to 3.6 V
[3]
1.3
0.4
-
ns
VCC = 2.7 V
1.6
0.3
-
ns
An, Bn to LEAB, LEBA; see Figure 9
VCC = 2.3 V to 2.7 V
[2]
1.6
0.3
-
ns
VCC = 3.0 V to 3.6 V
[3]
1.2
0.1
-
ns
VCC = 2.7 V
1.5
0.1
-
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
outputs enabled
-
21
-
pF
outputs disabled
-
3
-
pF
Table 7.
Dynamic characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V); test circuit Figure 10.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit


유사한 부품 번호 - 74ALVCH16501_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16501DGG PHILIPS-74ALVCH16501DGG Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16501DGG NXP-74ALVCH16501DGG Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
logo
Nexperia B.V. All right...
74ALVCH16501DGG NEXPERIA-74ALVCH16501DGG Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
Texas Instruments
74ALVCH16501DGGRG4 TI-74ALVCH16501DGGRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16501DL NXP-74ALVCH16501DL Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
More results

유사한 설명 - 74ALVCH16501_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com