전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC20T245 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74AVC20T245
상세설명  74AVC20T245_15 voltage translation; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC20T245 데이터시트(HTML) 2 Page - NXP Semiconductors

  74AVC20T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
74AVC20T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 8 March 2012
2 of 27
NXP Semiconductors
74AVC20T245
20-bit dual supply translating transceiver; 3-state
120 Mbit/s (
 1.1 V to 1.5 V translation)
100 Mbit/s (
 1.1 V to 1.2 V translation)
Suspend mode
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 3.6 V
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Ordering information
[1]
Also known as TVSOP56.
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74AVC20T245DGG
40 C to +125 C
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
74AVC20T245DGV
40 C to +125 C
TSSOP56[1] plastic thin shrink small outline package; 56 leads;
body width 4.4 mm
SOT481-2
74AVC20T245BX
40 Cto+125 C
HXQFN60
plastic compatible thermal enhanced extremely thin
quad flat package; no leads; 60 terminals;
body 4
 6  0.5 mm
SOT1134-2
Fig 1.
Logic diagram
001aal240
1DIR
1A1
1OE
1B1
to other nine channels
VCC(A)
VCC(B)
2DIR
2A1
2OE
2B1
to other nine channels
VCC(A)
VCC(B)


유사한 부품 번호 - 74AVC20T245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVC20T245-Q100 NEXPERIA-74AVC20T245-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245DGG NEXPERIA-74AVC20T245DGG Datasheet
306Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245DGG-Q100 NEXPERIA-74AVC20T245DGG-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVC20T245DGGG4 TI-74AVC20T245DGGG4 Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - 74AVC20T245_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_17 Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
logo
Nexperia B.V. All right...
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245-Q100 NEXPERIA-74AVC20T245-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com