전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC16373 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AVC16373
상세설명  16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16373 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC16373_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 11Page - NXP Semiconductors 74AVC16373_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Mar 09
8
Philips Semiconductors
Product Specification
16-bit D-type transparent latch; 3.6 V tolerant;
3-state
74AVC16373
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 to +85 °C
UNIT
OTHER
VCC (V)
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input
voltage
1.2
VCC
−−
V
1.4 to 1.6
0.65
× V
CC
0.9
V
1.65 to 1.95 0.65
× VCC 0.9
V
2.3 to 2.7
1.7
1.2
V
3.0 to 3.6
2.0
1.5
V
VIL
LOW-level input
voltage
1.2
−−
GND
V
1.4 to 1.6
0.9
0.35
× V
CC
V
1.65 to 1.95
0.9
0.35
× V
CC
V
2.3 to 2.7
1.2
0.7
V
3.0 to 3.6
1.5
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
1.65 to 3.6
VCC − 0.20
VCC
V
IO = −3 mA
1.4
VCC − 0.35
VCC − 0.23
V
IO = −4 mA
1.65
VCC − 0.45
VCC − 0.25
V
IO = −8 mA
2.3
VCC − 0.55
VCC − 0.38
V
IO = −12 mA
3.0
VCC − 0.70
VCC − 0.48
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 3.6
GND
0.20
V
IO =3mA
1.4
0.18
0.35
V
IO = 4 mA
1.65
0.22
0.45
V
IO =8mA
2.3
0.37
0.55
V
IO =2mA
3.0
0.51
0.70
V
II
input leakage
current per pin
VI =VCC or GND
1.4 to 3.6
0.1
2.5
µA
Ioff
power-off leakage
current
VI or VO = 3.6 V
0
0.1
±10
µA
IIHZ/IILZ
input current for
common I/O pins
VI =VCC or GND
1.4 to 3.6
0.1
12.5
µA
IOZ
3-state output
OFF
−state current
VI =VIH or VIL;
VO =VCC or GND
1.4 to 2.7
0.1
5
µA
3.0 to 3.6
0.1
10
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
1.4 to 2.7
0.1
20
µA
3.0 to 3.6
0.2
40
µA


유사한 부품 번호 - 74AVC16373_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC16373DGG PHILIPS-74AVC16373DGG Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16373DGG NEXPERIA-74AVC16373DGG Datasheet
215Kb / 15P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16373DGGRG4 TI1-74AVC16373DGGRG4 Datasheet
586Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AVC16373_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373 Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16373 NEXPERIA-74AVC16373 Datasheet
215Kb / 15P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com