전자부품 데이터시트 검색엔진 |
|
74AVCH16245 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
74AVCH16245 데이터시트(HTML) 9 Page - NXP Semiconductors |
9 / 16 page 74AVCH16245 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 3 — 8 January 2013 9 of 16 NXP Semiconductors 74AVCH16245 16-bit transceiver with direction pin; 3.6 V tolerant; 3-state [1] tpd is the same as tPLH and tPHL. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. [2] Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V respectively. [3] CPD is used to determine the dynamic power dissipation (PD in W). PD =CPD VCC2 fi N+ (CL VCC2 fo) where: fi = input frequency in MHz; fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in Volts N = number of inputs switching (C L VCC 2 f o) = sum of the outputs. 11. Waveforms CPD power dissipation capacitance per input; VI =GND to VCC [3] outputs enabled - 42 - pF outputs disabled - 2 - pF Table 7. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8. Symbol Parameter Conditions 40 C to +85 C Unit Min Typ[2] Max Measurement points are given in Table 8. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load. Fig 6. The input (nAn, nBn) to output (nBn, nAn) propagation delays mna477 nAn, nBn input nBn, nAn output tPHL tPLH GND VI VM VM VOH VOL |
유사한 부품 번호 - 74AVCH16245_15 |
|
유사한 설명 - 74AVCH16245_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |