전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3245 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74CBTLV3245
상세설명  8-bit bus switch with output enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3245 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74CBTLV3245_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 12Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74CBTLV3245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 15 December 2011
9 of 18
NXP Semiconductors
74CBTLV3245
8-bit bus switch with output enable
10. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 C and at nominal VCC.
[2]
The propagation delay is the calculated RC time constant of the on-state resistance of the switch and the load capacitance, when driven
by an ideal voltage source (zero output impedance).
[3]
tpd is the same as tPLH and tPHL.
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPHZ and tPLZ.
11. Waveforms
Table 8.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 17
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
An to Bn or Bn to An;
see Figure 15
[2][3]
VCC = 2.3 V to 2.7 V
-
-
0.13
-
0.20
ns
VCC = 3.0 V to 3.6 V
-
-
0.20
-
0.31
ns
ten
enable time
OE to An or Bn;
see Figure 16
[4]
VCC = 2.3 V to 2.7 V
1.0
3.4
5.5
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.0
4.9
1.0
7.0
ns
tdis
disable time
OE to An or Bn;
see Figure 16
[5]
VCC = 2.3 V to 2.7 V
1.0
3.0
5.5
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.4
5.8
1.0
8.5
ns
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 15. The data input (An, Bn) to output (Bn, An) propagation delay times
001aai367
VM
VM
VM
VM
VI
input
0 V
VOH
output
VOL
tPHL
tPLH
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
VX
VY
2.3 V to 2.7 V
0.5VCC
VCC
 2.0 ns
0.5VCC
VOL +0.15V
VOH  0.15 V
3.0 V to 3.6 V
0.5VCC
VCC
 2.0 ns
0.5VCC
VOL +0.3 V
VOH  0.3 V


유사한 부품 번호 - 74CBTLV3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
Texas Instruments
74CBTLV3245ADBQRE4 TI-74CBTLV3245ADBQRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADBQRG4 TI-74CBTLV3245ADBQRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRE4 TI-74CBTLV3245ADGVRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRG4 TI-74CBTLV3245ADGVRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results

유사한 설명 - 74CBTLV3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com