전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3245 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74CBTLV3245
상세설명  8-bit bus switch with output enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3245 데이터시트(HTML) 1 Page - NXP Semiconductors

  74CBTLV3245_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74CBTLV3245 is an 8-pole, single-throw bus switch. The device features a single
output enable input (OE) that controls eight switch channels. The switches are disabled
when OE is HIGH. Schmitt-trigger action at control inputs makes the circuit tolerant of
slower input rise and fall times. This device is fully specified for partial power-down
applications using IOFF. The IOFF circuitry disables the output, preventing the damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Supply voltage range from 2.3 V to 3.6 V
High noise immunity
Complies with JEDEC standard:
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
5
 switch connection between two ports
Rail to rail switching on data I/O ports
CMOS low power consumption
Latch-up performance exceeds 250 mA per JESD78B Class I level A
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
74CBTLV3245
8-bit bus switch with output enable
Rev. 2 — 15 December 2011
Product data sheet


유사한 부품 번호 - 74CBTLV3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
Texas Instruments
74CBTLV3245ADBQRE4 TI-74CBTLV3245ADBQRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADBQRG4 TI-74CBTLV3245ADBQRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRE4 TI-74CBTLV3245ADGVRE4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
74CBTLV3245ADGVRG4 TI-74CBTLV3245ADGVRG4 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results

유사한 설명 - 74CBTLV3245_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245-Q100 NEXPERIA-74CBTLV3245-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com