전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC_HCT139 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC_HCT139
상세설명  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT139 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT139_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT139_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT139
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 28 March 2014
10 of 18
NXP Semiconductors
74HC139; 74HCT139
Dual 2-to-4 line decoder/demultiplexer
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC139
VCC
6ns
15pF, 50 pF
1 k
open
GND
VCC
74HCT139
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


유사한 부품 번호 - 74HC_HCT139_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT138 PHILIPS-74HC_HCT138_15 Datasheet
214Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-26 January 2015
More results

유사한 설명 - 74HC_HCT139_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com