전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7N1405 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF7N1405
상세설명  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7N1405 데이터시트(HTML) 5 Page - International Rectifier

  IRF7N1405_15 Datasheet HTML 1Page - International Rectifier IRF7N1405_15 Datasheet HTML 2Page - International Rectifier IRF7N1405_15 Datasheet HTML 3Page - International Rectifier IRF7N1405_15 Datasheet HTML 4Page - International Rectifier IRF7N1405_15 Datasheet HTML 5Page - International Rectifier IRF7N1405_15 Datasheet HTML 6Page - International Rectifier IRF7N1405_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF7N1405
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
Fig 10a. Switching Time Test Circuit
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
20
40
60
80
100
120
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


유사한 부품 번호 - IRF7N1405_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results

유사한 설명 - IRF7N1405_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com