전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC_HCT9115_CNV 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC_HCT9115_CNV
상세설명  Nine wide Schmitt trigger buffer; open drain outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT9115_CNV 데이터시트(HTML) 6 Page - NXP Semiconductors

  74HC_HCT9115_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer;
open drain outputs
74HC/HCT9115
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Transfer characteristics are given below.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
TRANSFER CHARACTERISTICS FOR 74HCT
Voltages are referred to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
An
0.3
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
VT+
positive-going threshold
0.9
1.2
1.50
1.70
2.0
2.1
0.9
1.2
2.0
2.1
0.9
1.2
2.0
2.1
V
4.5
5.5
Fig.6
VT−
negative-going threshold
0.7
0.8
1.06
1.27
1.4
1.7
0.7
0.8
1.4
1.7
0.7
0.8
1.4
2.7
V
4.5
5.5
Fig.6
VH
hysteresis (VT+ − VT−)
0.2
0.2
0.44
0.44
0.8
0.8
0.2
0.2
0.8
0.8
0.2
0.2
0.8
0.8
V
4.5
5.5
Fig.6
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max.
min.
max.
min.
max.
tPHL/ tPLZ
propagation delay
An to Yn
18
31
39
47
ns
4.5
Fig.7
tTHL
output transition time
7
15
19
22
ns
4.5
Fig.7


유사한 부품 번호 - 74HC_HCT9115_CNV_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC-HCT1G00-Q100 NEXPERIA-74HC-HCT1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC-HCT283 PHILIPS-74HC-HCT283 Datasheet
65Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results

유사한 설명 - 74HC_HCT9115_CNV_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
   Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
logo
NXP Semiconductors
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer/line driver
December 1990
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
   Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
[Old version datasheet]   SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com