전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC3GU04 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74HC3GU04
상세설명  Triple unbuffered inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3GU04 데이터시트(HTML) 4 Page - NXP Semiconductors

  74HC3GU04_15 Datasheet HTML 1Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 2Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74HC3GU04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 2 October 2013
4 of 17
NXP Semiconductors
74HC3GU04
Triple unbuffered inverter
10. Static characteristics
[1]
All typical values are measured at Tamb = 25 C.
11. Dynamic characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.7
1.1
-
1.7
-
V
VCC = 4.5 V
3.6
2.4
-
3.6
-
V
VCC = 6.0 V
4.8
3.1
-
4.8
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.9
0.3
-
0.3
V
VCC = 4.5 V
-
2.1
0.9
-
0.9
V
VCC = 6.0 V
-
2.9
1.2
-
1.2
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 A; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 A; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC =6.0 V
-
-
1.0
-
1.0
A
ICC
supply current
per input pin; VI =VCC or GND;
IO =0A; VCC =6.0 V
--
10
-
20
A
CI
input capacitance
-
3.0
-
-
-
pF
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay nA to nY; see Figure 5
[2]
VCC = 2.0 V
-
13
75
-
90
ns
VCC = 4.5 V
-
6
15
-
18
ns
VCC = 6.0 V
-
5
13
-
15
ns


유사한 부품 번호 - 74HC3GU04_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC3GU04-Q100 NEXPERIA-74HC3GU04-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
logo
NXP Semiconductors
74HC3GU04DC NXP-74HC3GU04DC Datasheet
176Kb / 16P
   Inverter
Rev. 04.-11 January 2010
logo
Nexperia B.V. All right...
74HC3GU04DC NEXPERIA-74HC3GU04DC Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04DC-Q100 NEXPERIA-74HC3GU04DC-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
logo
NXP Semiconductors
74HC3GU04DP NXP-74HC3GU04DP Datasheet
176Kb / 16P
   Inverter
Rev. 04.-11 January 2010
More results

유사한 설명 - 74HC3GU04_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC3GU04-Q100 NEXPERIA-74HC3GU04-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
logo
NXP Semiconductors
74AHC3GU04 PHILIPS-74AHC3GU04_15 Datasheet
201Kb / 16P
   Triple unbuffered inverter
Rev. 5-8 May 2013
logo
Nexperia B.V. All right...
74AHC3GU04 NEXPERIA-74AHC3GU04 Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74LVC3GU04 NEXPERIA-74LVC3GU04 Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
74HC3GU04 NEXPERIA-74HC3GU04 Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74AHC3GU04-Q100 NEXPERIA-74AHC3GU04-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com