전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC237 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74HC237
상세설명  3-to-8 line decoder, demultiplexer with address latches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237 데이터시트(HTML) 5 Page - NXP Semiconductors

  74HC237_15 Datasheet HTML 1Page - NXP Semiconductors 74HC237_15 Datasheet HTML 2Page - NXP Semiconductors 74HC237_15 Datasheet HTML 3Page - NXP Semiconductors 74HC237_15 Datasheet HTML 4Page - NXP Semiconductors 74HC237_15 Datasheet HTML 5Page - NXP Semiconductors 74HC237_15 Datasheet HTML 6Page - NXP Semiconductors 74HC237_15 Datasheet HTML 7Page - NXP Semiconductors 74HC237_15 Datasheet HTML 8Page - NXP Semiconductors 74HC237_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74HC237
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 23 August 2012
5 of 17
NXP Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
[1]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 C.
[2]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
For SSOP16 package: Ptot derates linearly with 5.5 mW/K above 60 C.
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
ns/V
VCC = 4.5 V
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to
+85
C
Tamb = 40 C to
+125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =20 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 A; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V


유사한 부품 번호 - 74HC237_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results

유사한 설명 - 74HC237_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com