전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC237 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC237
상세설명  3-to-8 line decoder, demultiplexer with address latches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HC237_15 Datasheet HTML 2Page - NXP Semiconductors 74HC237_15 Datasheet HTML 3Page - NXP Semiconductors 74HC237_15 Datasheet HTML 4Page - NXP Semiconductors 74HC237_15 Datasheet HTML 5Page - NXP Semiconductors 74HC237_15 Datasheet HTML 6Page - NXP Semiconductors 74HC237_15 Datasheet HTML 7Page - NXP Semiconductors 74HC237_15 Datasheet HTML 8Page - NXP Semiconductors 74HC237_15 Datasheet HTML 9Page - NXP Semiconductors 74HC237_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74HC237
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 23 August 2012
6 of 17
NXP Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
10. Dynamic characteristics
II
input leakage
current
VI =VCC or GND;
VCC =6.0 V
--
0.1
-
1.0
-
1.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =6.0 V
-
-
8.0
-
80
-
160
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to
+85
C
Tamb = 40 C to
+125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 10.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
An to Yn; see Figure 7
[1]
VCC = 2.0 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC =5V; CL =15pF
-
16
-
-
-
-
-
ns
VCC = 6.0 V
-
15
27
-
34
-
41
ns
LE to Yn; see Figure 7
[1]
VCC = 2.0 V
-
61
190
-
240
-
285
ns
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
VCC = 6.0 V
-
18
32
-
41
-
48
ns
E1to Yn; see Figure 8
[1]
VCC = 2.0 V
-
47
145
-
180
-
220
ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
25
-
31
-
38
ns
E2 to Yn; see Figure 7
[1]
VCC = 2.0 V
-
47
145
-
180
-
220
ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
25
-
31
-
38
ns
tt
transition
time
Yn; see Figure 7 and
Figure 8
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns


유사한 부품 번호 - 74HC237_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results

유사한 설명 - 74HC237_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com