전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LV132 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LV132
상세설명  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV132 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LV132_15 Datasheet HTML 1Page - NXP Semiconductors 74LV132_15 Datasheet HTML 2Page - NXP Semiconductors 74LV132_15 Datasheet HTML 3Page - NXP Semiconductors 74LV132_15 Datasheet HTML 4Page - NXP Semiconductors 74LV132_15 Datasheet HTML 5Page - NXP Semiconductors 74LV132_15 Datasheet HTML 6Page - NXP Semiconductors 74LV132_15 Datasheet HTML 7Page - NXP Semiconductors 74LV132_15 Datasheet HTML 8Page - NXP Semiconductors 74LV132_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LV132_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
3 of 17
NXP Semiconductors
74LV132
Quad 2-input NAND Schmitt trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to the exposed die pad
using conductive die attach material. It cannot be
used as a supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
132
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aac203
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aah099
74LV132
Transparent top view
VCC(1)
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage


유사한 부품 번호 - 74LV132_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14 DIODES-74LV132AS14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14-13 DIODES-74LV132AS14-13 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AT14 DIODES-74LV132AT14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
More results

유사한 설명 - 74LV132_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com