전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LV4094 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LV4094
상세설명  8-stage shift-and-store bus register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4094 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4094_15 Datasheet HTML 3Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 4Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 9Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4094_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74LV4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 19 December 2011
7 of 21
NXP Semiconductors
74LV4094
8-stage shift-and-store bus register
10. Static characteristics
[1]
All typical values are measured at Tamb = 25 C.
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to 85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
VCC
0.6
-
VCC
-V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
0.4
GND
-
GND
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; all pins
IO = 100 A; VCC = 1.2 V
-
1.2
-
-
-
V
IO = 100 A; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
IO = 100 A; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
IO = 100 A; VCC = 3.0 V
2.8
3.0
-
2.8
-
V
VI = VIH or VIL; pins QPn
IO = 6 mA; VCC = 3.0 V
2.40
2.82
-
2.20
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; all pins
IO = 100 A; VCC = 1.2 V
-
0
-
-
-
V
IO = 100 A; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 A; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 A; VCC = 3.0 V
-
0
0.2
-
0.2
V
VI = VIH or VIL; pins QPn
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
II
input leakage
current
VI =VCC or GND; VCC =3.6 V
-
-
1.0
-
1.0
A
IOZ
OFF-state
output current
VI =VIH or VIL; VO =VCC or GND;
VCC =3.6 V
--
5.0
-
10.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =3.6 V
-
-
20.0
-
160
A
I
CC
additional supply
current
per input; VI = VCC  0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500.0
-
850
A
CI
input capacitance
-
3.5
-
pF


유사한 부품 번호 - 74LV4094_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV4094D PHILIPS-74LV4094D Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094N PHILIPS-74LV4094N Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results

유사한 설명 - 74LV4094_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com