전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC_LVCH245A 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVC_LVCH245A
상세설명  Octal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH245A 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC_LVCH245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC_LVCH245A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 28 June 2013
6 of 18
NXP Semiconductors
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
For I/O ports the parameter IOZ includes the input leakage current.
[4]
Valid for data inputs of bus hold parts only (74LVCH245A). Note that control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite input state.
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =5.5 V orGND;
VCC =3.6 V
[3]
-
0.1
5-
20
A
IOFF
power-off
leakage
current
VI or VO =5.5 V; VCC = 0.0
V
-
0.1
10
-
20
A
ICC
supply
current
VI =VCC or GND; IO =0A;
VCC =3.6 V
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin;
VI =VCC  0.6 V; IO =0A;
VCC = 2.7 V to 3.6 V
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-4.0
-
-
-
pF
CI/O
input/output
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-10
-
-
-
pF
IBHL
bus hold
LOW current
VCC = 1.65; VI = 0.58 V
[4][5]
10
-
-
10
-
A
VCC = 2.3; VI = 0.7 V
30
-
-
25
-
A
VCC = 3.0; VI = 0.8 V
75
-
-
60
-
A
IBHH
bus hold
HIGH current
VCC = 1.65; VI = 1.07 V
[4][5]
10
-
-
10
-
A
VCC = 2.3; VI = 1.7 V
30
-
-
25
-
A
VCC = 3.0; VI = 2.0 V
75
-
-
60
-
A
IBHLO
bus hold
LOW
overdrive
current
VCC = 1.95 V
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
[4][6]
500
-
-
500
-
A
IBHHO
bus hold
HIGH
overdrive
current
VCC = 1.95 V
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
[4][6]
500
-
-
500
-
A
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max


유사한 부품 번호 - 74LVC_LVCH245A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC_LVCH244A PHILIPS-74LVC_LVCH244A_15 Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results

유사한 설명 - 74LVC_LVCH245A_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com