전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC_LVCH162244A 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LVC_LVCH162244A
상세설명  16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH162244A 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC_LVCH162244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC_LVCH162244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 December 2011
7 of 15
NXP Semiconductors
74LVC162244A; 74LVCH162244A
16-bit buffer/line driver; 30
 resistors; 5 V tolerance; 3-state
10. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V and 3.3 V respectively.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[2]
Max
Min
Max
tpd
propagation
delay
nAntonYn; see Figure 5
[1]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.0
15.0
1.5
17.2
ns
VCC = 2.3 V to 2.7 V
1.0
3.2
7.4
1.0
8.2
ns
VCC = 2.7 V
1.0
3.3
6.7
1.0
8.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
5.8
1.0
7.5
ns
ten
enable time
nOE to nYn; see Figure 6
[1]
VCC = 1.2 V
-
15.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.7
6.8
15.3
1.7
17.7
ns
VCC = 2.3 V to 2.7 V
1.5
3.8
8.0
1.5
8.9
ns
VCC = 2.7 V
1.5
4.2
7.6
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.1
6.0
1.0
7.5
ns
tdis
disable time
nOE to nYn; see Figure 6
[1]
VCC = 1.2 V
-
10.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.2
3.9
8.2
2.2
9.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.1
4.4
0.5
5.0
ns
VCC = 2.7 V
1.5
3.1
4.7
1.5
6.0
ns
VCC = 3.0 V to 3.6 V
1.5
2.8
4.5
1.5
6.0
ns
CPD
power
dissipation
capacitance
per input; VI =GND to VCC
[3]
VCC = 1.65 V to 1.95 V
-
4.8
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
8.3
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
11.4
-
-
-
pF


유사한 부품 번호 - 74LVC_LVCH162244A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
More results

유사한 설명 - 74LVC_LVCH162244A_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com