전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G18 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LVC1G18
상세설명  1-of-2 non-inverting demultiplexer with 3-state deselected output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G18 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G18_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G18_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVC1G18_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 30 August 2007
7 of 13
NXP Semiconductors
74LVC1G18
1-of-2 non-inverting demultiplexer with 3-state deselected output
12. AC waveforms
Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load.
Fig 3.
Input A to output Y propagation delays
mnb089
A input
nY output
tPHL
tPLH
GND
VI
VM
VM
VM
VM
VOH
VOL
Table 9.
Measurement points
VCC
VM
Input
VI
tr = tf
1.65 V to 1.95 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VCC
≤ 2.5 ns
Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load.
VX = VOL + 0.3 V at VCC ≥ 2.7 V.
VX = VOL + 0.15 V at VCC < 2.7 V.
VY = VOH − 0.3 V at VCC ≥ 2.7 V.
VY = VOH − 0.15 V at VCC < 2.7 V.
Fig 4.
3-state enable and disable times
mnb090
tPLZ
tPHZ
output
disabled
output
enabled
VY
VX
output
enabled
nY output
LOW-to-OFF
OFF-to-LOW
S input
nY output
HIGH-to-OFF
OFF-to-HIGH
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM


유사한 부품 번호 - 74LVC1G18_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
logo
NXP Semiconductors
74LVC1G18GV PHILIPS-74LVC1G18GV Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18GV NXP-74LVC1G18GV Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18GV NEXPERIA-74LVC1G18GV Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74LVC1G18GV-Q100 NEXPERIA-74LVC1G18GV-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
More results

유사한 설명 - 74LVC1G18_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18_04 Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com